PART |
Description |
Maker |
HA179L15 HA179L15P HA179L15U HA179L09 HA179L09P HA |
6000000 SYSTEM GATE 1.5 VOLT FPGA 三端固定负电压稳压器 3-terminal Negative Fixed Voltage Regulators Negative Voltage 3-Terminal Regulators
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
TA79L015P TA79L006P TA79L018P TA79L024P TA79L008P |
Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -10V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -20V
|
TOSHIBA
|
OM1915NTM OM1912NTM OM1905STM OM1915STM OM1912STM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator ISOLATED HERMETIC FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A5V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A15V,三端精密型固定负电压稳压器) Three Terminal, Fixed Voltage, 1.5Amp Precision Negative Regulators(1.5 A12V,三端精密型固定负电压稳压器)
|
International Rectifier List of Unclassifed Manufacturers
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
LT1175CQ-5PBF LT1175IQ-5TR LT1175IQ-5PBF LT1175IT- |
500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: 0°C to 70°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSSO5 500mA Negative Low Dropout Micropower Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5 V FIXED NEGATIVE LDO REGULATOR, PSFM5
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM337D2T LM337BT LM337_D LM337 LM337BD2T ON0312 LM |
AML21 Series, Electronic Control Pushbutton, Square, Standard Bezel, Unlighted, SPDT, Momentary Action, Snap in panel mount From old datasheet system THREE-ERMINAL ADJUSTABLE POSITIVE THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR Three-Terminal Adjustable Output Negative Voltage Regulator
|
ONSEMI[ON Semiconductor] http://
|
KA7915 KA7915A KA7905 KA7905A KA7910 KA7912 KA7912 |
3-Terminal 1A Negative Voltage Regulator 5 V FIXED NEGATIVE REGULATOR, PSFM3
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTE1927 |
Automotive Catalog Dual Operational Amplifier 8-TSSOP -40 to 125 2.2 V-30 V ADJUSTABLE NEGATIVE REGULATOR, MBFM4 Integrated Circuit 4-Terminal Negative Adjustable Voltage Regulator
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
SHD519023 |
FIXED NEGATIVE 1.5 AMP 15 VOLT REGULATOR
|
Sensitron
|